Part Number Hot Search : 
BZX55C62 TNY267G 74HC405 BAT720 EPZ3018 BUH417D 26000 NCP630
Product Description
Full Text Search
 

To Download 2SD1940 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SD1940 d escription with to-220f package wide area of safe operation applications 85v/6a, af 25 to 30w output applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ) symbol parameter conditions max unit v cbo collector-base voltage open emitter 100 v v ceo collector-emitter voltage open base 85 v v ebo emitter-base voltage open collector 6 v i c collector current 6 a i cm collector current-peak 10 a p c collector dissipation t c =25 25 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220f) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SD1940 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =5ma ;r be = 8 85 v v (br)cbo collector-base breakdown voltage i c =5ma ;i e =0 100 v v (br)ebo emitter-base breakdown voltage i e =5ma ;i c =0 6 v v cesat collector-emitter saturation voltage i c =4a ;i b =0.4a 2.0 v v be base-emitter on voltage i c =1a;v ce =5v 1.5 v i cbo collector cut-off current v cb =40v; i e =0 0.1 ma i ebo emitter cut-off current v eb =4v; i c =0 0.1 ma h fe-1 dc current gain i c =1a ; v ce =5v 60 320 h fe-2 dc current gain i c =3a ; v ce =5v 20 f t transition frequency i c =1a ; v ce =5v 15 mhz c ob collector output capacitance f=1mhz;v cb =10v 110 pf switching times t on turn-on time 0.28 s t s storage time 3.60 s t f fall time i c =0.5a; i b1 =-i b2 =50ma v cc =20v ,r l =40 b 0.50 s  h fe-1 classifications d e f 60-120 100-200 160-320
savantic semiconductor product specification 3 silicon npn power transistors 2SD1940 package outline fig.2 outline dimensions
savantic semiconductor product specification 4 silicon npn power transistors 2SD1940


▲Up To Search▲   

 
Price & Availability of 2SD1940

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X